Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download MBR2060CT-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qw -bb046 page 1 rev :b electrical characteristics (at t a =25c unless otherwise noted) ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. notes: 1. 300us pulse width,2% duty cycle. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. v oltage: 30 to 150 v current: 20.0 a rohs device mbr2030ct -g thru. mbr20150ct -g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) t o - 2 2 0 a b comchip t echnology co., l td. (3.20) 0.126 0.055(1.40) 0.047(1.20) 0.148(3.80) 0.187(4.70) 0.531(13.50) 0.583(14.80) 0.610(15.50) 0.583(14.80) 0.157 (4.0) 0.230(5.80) 0.270(6.90) 0.108 (2.75) 0.153(3.90) 0.146(3.70) 0.347( 9.50) 0.413(10.50) 0.024(0.60) 0.012(0.30) 0 . 0 5 1 ( 1 . 3 0 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 3 2 ( 0 . 8 0 ) 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 9 1 ( 2 . 3 0 ) m a x pa ra m et er sy mb ol un it maximum recurrent peak reverse v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current ( see fig.1 ) peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load(jedec method) operating t emperature range storage t emperature range 30 21 30 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 150 0.10 -55 to +150 -55 to +175 v v v a a v ma 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 150 105 150 20.0 maximum dc reverse current at rate dc blocking v oltage mbr 2030ct -g mbr 2040ct -g mbr 2050ct -g mbr 2060ct -g mbr 2080ct -g mbr 20100ct -g mbr 20150ct -g peak forward v oltage (note 1) if=10a@ t j = 25c if=10a@ t j =125c if=20a@ t j = 25c if=20a@ t j =125c - 0.57 0.84 0.72 0.80 0.70 0.95 0.85 0.85 0.75 0.95 0.85 0.95 0.85 1.05 0.95 @ t j = 25c @ t j = 125c 0.10 15.0 10.0 0.10 7.50 0.10 5.00 t ypical junction capacitance (note2) c j 400 320 pf t ypical thermal resistance (note3) r jc 1.50 c/w 3.50 c c 3. thermal resistance junction to case. s m d s c h o t t k y b a r r i e r r e c t i f i e r s features -metal of silicon rectifier , majority carrier conduction. mechanical data -guard ring for transient protection. -low power loss, high ef ficiency . -epoxy: ul 94-v0 rate flame retardant. -mounting position: any -case: t o-220ab, molded plastic -w eight: 2.24 grams - low vf . high current capability , -high surge capacity . -for use in low voltage, high frequency inverters, free wheeling,and polarity protection applications. -polarity: as marked on the body . c o m c h i p s m d d i o d e s p e c i a l i s t
ra ting and characteristic cur ves (mbr2030ct -g thru. mbr20150ct -g) qw -bb046 comchip t echnology co., l td. fig.2- maximum non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 1 250 200 150 100 50 0 300 10 2 5 20 50 100 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f i g . 4 - t y p i c a l f o r w a r d c h a r a c t e r i s t i c s i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) c a p a c i t a n c e , ( p f ) fig.5- t ypical junction capacitance 1000 100 10 f ig .1 - f o rw a rd c u rr e n t d e ra ti n g c u rv e f i g . 3 - t y p i c a l r e v e r c h a r a c t e r i s t i c s s m d s c h o t t k y b a r r i e r r e c t i f i e r s s m d s c h o t t k y b a r r i e r r e c t i f i e r s case t emperature, (c) number of cycles at 60hz reverse v oltage, (v) 1 10 100 0.1 m b r 2 0 3 0 c t - g ~ m b r 2 0 4 0 0 c t - g m b r 2 0 3 0 c t - g ~ m b r 2 0 4 0 0 c t - g t j = 2 5 c f = 1 m h z 0 . 6 0 . 5 0 . 3 0 . 1 0 . 1 1 1 0 1 0 0 1 . 0 0 . 8 0 . 2 0 . 4 0 . 7 0 . 9 m b r 2 0 3 0 c t-g ~ m b r 2 0 4 0 c t-g m b r 2 0 5 0 c t-g ~ m b r 2 0 6 0 c t-g m b r 2 0 8 0 c t-g ~ m b r 2 0 1 0 0 c t-g t j = 2 5 c p u l s e w i d t h 3 0 0 u s 2 % d u t y c y c l e m b r 2 0 1 5 0 c t-g p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) 15.0 10.0 5.0 20.0 0 25 100 50 75 125 150 175 0 25.0 s i n g l e p h a s e h a l f w a v e 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d pulse width 8.3ms single half-sine-w ave (jedec method) page 2 rev :b i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m a ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 8 0 6 0 0 . 0 1 0 . 1 1 0 1 0 0 0 1 4 0 2 0 4 0 1 0 0 1 2 0 1 . 0 m b r 2 0 3 0 c t-g ~ m b r 2 0 6 0 c t-g m b r 2 0 8 0 c t-g ~ m b r 2 0 1 5 0 c t-g t j = 1 2 5 c t j = 2 5 c 1 0 0 0 c o m c h i p s m d d i o d e s p e c i a l i s t
qw -bb046 comchip t echnology co., l td. s m d s c h o t t k y b a r r i e r r e c t i f i e r s s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 3 rev :b marking code xxxx = product type marking code standard packaging c = compchip logo mbr2030ct -g part number marking code mbr2040ct -g mbr2050ct -g mbr2060ct -g mbr2080ct -g mbr20100ct -g mbr20150ct -g mbr2030ct mbr2040ct mbr2050ct mbr2060ct mbr2080ct mbr20100ct mbr20150ct c mbrxxxxct c o m c h i p s m d d i o d e s p e c i a l i s t c a s e t y p e t o - 2 2 0 a b 5 0 t u b e ( p c s ) t u b e p a c k 8 , 0 0 0 b o x ( p c s )


▲Up To Search▲   

 
Price & Availability of MBR2060CT-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X